Part Number Hot Search : 
B5046 1N581 PN330CL STV9936S P5NK60ZF 1N5249 MA26V11 U2N60
Product Description
Full Text Search
 

To Download 1N4007-1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Diotec
Silicon Rectifier
1N 4001 ... 1N 4007, 1N 4007-1300 EM 513, EM 516, EM 518
Silizium Gleichrichter Nominal current - Nennstrom Repetitive peak reverse voltage Periodische Spitzensperrspannung
O 2.6 max
1A 50...2000 V
Plastic case Kunststoffgehause
O 0.8+0.05
DO-41
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
0.4 g
Dimensions / Mae in mm
see page 17 siehe Seite 17
Maximum ratings Type Typ 1N 4001 1N 4002 1N 4003 1N 4004 1N 4005 1N 4006 1N 4007 1N 4007-1300 EM 513 EM 516 EM 518
Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 50 100 200 400 600 800 1000 1300 1600 1800 2000
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom
TA = 75C TA = 100C f > 15 Hz
IFAV IFAV IFRM
1 A 1) 0.75 A 1) 10 A 1)
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden 01.01.99
34
1N 4001 ... 1N 4007, 1N 4007-1300 EM 513, EM 516, EM 518
Diotec
i2t 12.5 A2s
Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Peak fwd. surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle,
TA = 25C
TA = 25C
IFSM
50 A
Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
Tj TS
- 50...+175C - 50...+175C
Characteristics Forward voltage - Durchlaspannung Leakage current - Sperrstrom Tj = 25C Tj = 25C Tj = 100C IF = 1 A VR = VRRM VR = VRRM VF IR IR RthA
Kennwerte < 1.1 V < 5 A < 50 A < 45 K/W 1)
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft
Forward characteristics (typical values) Durchlakennlinien (typische Werte)
Rated forward current vs. ambient temperature 1) Zulassiger Richtstrom in Einwegschaltung in Abhangigkeit von der Umgebungstemperatur 1)
1
) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
01.01.99
35


▲Up To Search▲   

 
Price & Availability of 1N4007-1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X